Part Number Hot Search : 
A472M XC33487 A06N03N TE1434 S8050 3386H500 200S1 10700
Product Description
Full Text Search
 

To Download PG05TBUL2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013. 10. 30 1/3 semiconductor technical data PG05TBUL2A single line tvs diode for esd protection in portable electronics revision no : 0 protection in portable electronics applications.features h transient protection for data lines to iec 61000-4-2(esd) : ? 8kv(contact), ? 15kv(air) iec 61000-4-4(eft) : 2.5kv/50aiec 61000-4-5(surge) 4a(tp=8/20  s) h small package for use in portable electronics. h protects on i/o or power line. h low clamping voltage. h low leakage current. applications h usb 2.0, 10/100/1000 ethernet, firewire, dvi, hdmi, s-ata h mobile communication h consumer products (stb, mp3, dvd, dsc...) h lcd-display, camera h notebooks and desktop computers, peripherals maximum rating (ta=25 ? ) ulp-2 1. anode 2. anode b a 2 2 1 1 21 21 dim millimeters a bc d d e e 1.0 0.050.6 0.05 0.38 0.65 0.03 g g h h h + _ + _ 0.5 0.03 + _ + _ 0.05 0.25 0.03 + _ e +0.02 - 0.03 c electrical characteristics (ta=25 ? ) characteristic symbol rating unit peak pulse power (tp=8/20  s) p pk 100 w peak pulse current (tp=8/20  s) i pp 4 a junction temperature t j 150 ? storage temperature t stg -55 q 150 ? marking ts 21 cathode mark characteristic symbol test condition min. typ. max. unit reverse stand-off voltage v rwm - - - 5 v reverse breakdown voltage v br i t =1ma 7 8.8 10 v reverse leakage current i r v rwm =5v - 10 100 na clamping voltage v c i pp =1a, tp=8/20us - 13 20 v i pp =4a, tp=8/20us - 20 27 total capacitance c j v r =0v, f=1mhz - 0.45 0.6 pf downloaded from: http:///
2013. 10. 30 2/3 PG05TBUL2A revision no : 0 0 0.4 2 1 0 34 6 5 0.1 0.05 0.15 0.2 0.25 0.35 0.3 f=1 mh z reverse leakage current i r (na) 0.0 10000 1000 100 10 1 0.1 2 1 0 reverse voltage v r (v) i r - v r 345 total capacitance c (pf) t reverse voltage v r (v) c t - v r peak pulse current i pp ( ) 0 52 10 5 0 clamping voltage v c (v) v c - i pp 15 25 20 30 3 41 tlp current i tlp (a) 0 0 clamping voltage v c (v) tlp curve 10 20 30 1 32 65 4 7 pulse duration tp ( s) 11 0 pk peak pulse power p (w) 100 10 100 1k peak pulse power 8/20us average power rated power or i (%) 0 pp 110 70 50 25 0 ambient temperature ta ( c) power deration curve 75 100 125 150 10 20 30 40 80 9050 100 60 non-repetitive peak pulse power vs. pulse time 75 c 25 c 125 c - 25 c downloaded from: http:///
2013. 10. 30 3/3 PG05TBUL2A revision no : 0 esd clamping (-8 kv contact per iec 61000-4-2) esd clamping (+8 kv contact per iec 61000-4-2) waveformparameters : tr=8 s e -t td=20 s td=lpp/2 peak pulse current i (%) 0 pp 110 70 10 5 0 time ( s) pulse waveform 15 20 25 30 10 20 30 40 80 9050 100 60 note : data is taken with a 10x attenuator tek run trigger ch 3 20.0v ? ? b w m 40.0ns a ch 3 ? ? 14.6v note : data is taken with a 10x attenuator tek run trigger ch 3 20.0v ? ? b w m 40.0ns a ch 3 ? ? -11.2v max 74.8v min -67.6v downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of PG05TBUL2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X